Part Number Hot Search : 
ZRT100C2 BD788 2SK2959 72240L5 4C36S 72240L5 G216M M1024
Product Description
Full Text Search
 

To Download HM62W16255H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HM62W16255H series 4m high speed sram (256-kword 16-bit) ade-203-751d (z) rev. 1.0 sept. 15, 1998 description the HM62W16255H is a 4-mbit high speed static ram organized 256-kword 16-bit. it has realized high speed access time by employing cmos process (4-transistor + 2-poly resistor memory cell)and high speed circuit designing technology. it is most appropriate for the application which requires high speed, high density memory and wide bit width configuration, such as cache and buffer memory in system. the HM62W16255H is packaged in 400-mil 44-pin soj and 400-mil 44-pin plastic tsopii for high density surface mounting. features single 3.3 v supply: 3.3 v 0.3v access time: 12/15 ns (max) completely static memory ? no clock or timing strobe required equal access and cycle times directly ttl compatible ? all inputs and outputs operating current: 180/160 ma (max) ttl standby current: 60/50 ma (max) cmos standby current: 5 ma (max) : 1ma (max) (l-version) data retention current: 0.6 ma (max) (l-version) data retention voltage: 2.0 v (min) (l-version) center v cc and v ss type pinout
HM62W16255H series 2 ordering information type no. access time package HM62W16255Hjp-12 HM62W16255Hjp-15 12 ns 15 ns 400-mil 44-pin plastic soj (cp-44d) HM62W16255Hljp-12 HM62W16255Hljp-15 12 ns 15 ns HM62W16255Htt-12 HM62W16255Htt-15 12 ns 15 ns 400-mil 44-pin plastic soj (ttp-44de) HM62W16255Hltt-12 HM62W16255Hltt-15 12 ns 15 ns pin arrangement a0 a1 a2 a3 a4 cs i/o1 i/o2 i/o3 i/o4 v cc v ss i/o5 i/o6 i/o7 i/o8 we a5 a6 a7 a8 a9 (top view) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 a17 a16 a15 oe ub lb i/o16 i/o15 i/o14 i/o13 v ss v cc i/o12 i/o11 i/o10 i/o9 nc a14 a13 a12 a11 a10 HM62W16255Hjp/hljp series 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 a0 a1 a2 a3 a4 cs i/o1 i/o2 i/o3 i/o4 v cc v ss i/o5 i/o6 i/o7 i/o8 we a5 a6 a7 a8 a9 a17 a16 a15 oe ub lb i/o16 i/o15 i/o14 i/o13 v ss v cc i/o12 i/o11 i/o10 i/o9 nc a14 a13 a12 a11 a10 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 HM62W16255Htt/hltt series (top view)
HM62W16255H series 3 pin description pin name function a0 to a17 address input i/o1 to i/o16 data input/output cs chip select oe output enable we write enable ub upper byte select lb lower byte select v cc power supply v ss ground nc no connection block diagram memory matrix 256 rows 8 columns 128 blocks 16 bit (4,194,304 bits) cs v cc v ss a10 a8 a9 a12 a13 a14 a0 a15 a3 a4 column i/o column decoder i/o1 we input data control row decoder oe cs cs cs lb ub i/o16 i/o9 i/o8 . . . . . . a1 a17 a7 a11 a16 a2 a6 a5 (lsb) (msb)
HM62W16255H series 4 operation table cs oe we lb ub mode v cc current i/o1Ci/o8 i/o9Ci/o16 ref. cycle h standby i sb , i sb1 high-z high-z lhh output disable i cc high-z high-z l l h l l read i cc output output read cycle l l h l h lower byte read i cc output high-z read cycle l l h h l upper byte read i cc high-z output read cycle l l hhh i cc high-z high-z l l l l write i cc input input write cycle l l l h lower byte write i cc input high-z write cycle l l h l upper byte write i cc high-z input write cycle l l hh i cc high-z high-z note: : h or l absolute maximum ratings parameter symbol value unit supply voltage relative to v ss v cc C0.5 to +4.6 v voltage on any pin relative to v ss v t C0.5* 1 to v cc + 0.5* 2 v power dissipation p t 1.0 w operating temperature topr 0 to +70 c storage temperature tstg C55 to +125 c storage temperature under bias tbias C10 to +85 c notes: 1. v t (min) = C2.0 v for pulse width (under shoot) 8 ns 2. v t (max) = v cc + 2.0 v for pulse width (over shoot) 8 ns
HM62W16255H series 5 recommended dc operating conditions (ta = 0 to +70 c) parameter symbol min typ max unit supply voltage v cc * 3 3.0 3.3 3.6 v v ss * 4 000v input voltage v ih 2.2 v cc + 0.5* 2 v v il C0.5* 1 0.8 v notes: 1. v il (min) = C2.0 v for pulse width (under shoot) 8 ns 2. v ih (max) = v cc + 2.0 v for pulse width (over shoot) 8 ns 3. the supply voltage with all v cc pins must be on the same level. 4. the supply voltage with all v ss pins must be on the same level. dc characteristics (ta = 0 to +70 c, v cc = 3.3 v 0.3 v, v ss = 0 v) parameter symbol min typ* 1 max unit test conditions input leakage current |i li | 2 m a vin = v ss to v cc output leakage current* 1 |i lo | 2 m a vin = v ss to v cc operating power supply current 12 ns cycle i cc 180 ma min cycle cs = v il , iout = 0 ma other inputs = v ih /v il 15 ns cycle i cc 160 standby power supply current 12 ns cycle i sb 60 ma min cycle, cs = v ih , other inputs = v ih /v il 15 ns cycle i sb 50 i sb1 0.05 5 ma f = 0 mhz v cc 3 cs 3 v cc C 0.2 v, (1) 0 v vin 0.2 v or (2) v cc 3 vin 3 v cc C 0.2 v * 2 0.05* 2 1.0* 2 output voltage v ol 0.4 v i ol = 8 ma v oh 2.4 v i oh = C4 ma note: 1. typical values are at v cc = 3.3 v, ta = +25 c and not guaranteed. 2. this characteristics is guaranteed only for l-version.
HM62W16255H series 6 capacitance (ta = +25 c, f = 1.0 mhz) parameter symbol min typ max unit test conditions input capacitance* 1 cin 6 pf vin = 0 v input/output capacitance* 1 c i/o 8 pfv i/o = 0 v note: 1. this parameter is sampled and not 100% tested.
HM62W16255H series 7 ac characteristics (ta = 0 to +70 c, v cc = 3.3 v 0.3 v, unless otherwise noted.) test conditions input pulse levels: 3.0 v/0.0 v input rise and fall time: 3 ns input and output timing reference levels: 1.5 v output load: see figures (including scope and jig) output load (b) (for t clz , t olz , t lblz , t ublz , t chz , t ohz , t lbhz , t ubhz , t whz , and t ow ) dout 353 w 319 w 3.3 v 5 pf dout rl=50 w output load (a) 1.5 v zo=50 w read cycle HM62W16255H -12 -15 parameter symbol min max min max unit notes read cycle time t rc 12 15 ns address access time t aa 12 15 ns chip select access time t acs 12 15 ns output enable to output valid t oe 6 7 ns byte select to output valid t lb , t ub 6 7 ns output hold from address change t oh 33ns chip select to output in low-z t clz 33ns1 output enable to output in low-z t olz 00ns1 byte select to output in low-z t lblz , t ublz 00ns1 chip deselect to output in high-z t chz 6 7 ns1 output disable to output in high-z t ohz 6 7 ns1 byte deselect to output in high-z t lbhz , t ubhz 6 7 ns1
HM62W16255H series 8 write cycle HM62W16255H -12 -15 parameter symbol min max min max unit notes write cycle time t wc 12 15 ns address valid to end of write t aw 8 10 ns chip select to end of write t cw 810ns8 write pulse width t wp 810ns7 byte select to end of write t lbw , t ubw 8 10 ns 9, 10 address setup time t as 0 0 ns 5 write recovery time t wr 0 0 ns 6 data to write time overlap t dw 67ns data hold from write time t dh 00ns write disable to output in low-z t ow 3 3 ns 1 output disable to output in high-z t ohz 6 7 ns 1 write enable to output in high-z t whz 6 7 ns 1 notes: 1. transition is measured 200 mv from steady voltage with load (b). this parameter is sampled and not 100% tested. 2. if the cs or lb or ub low transition occurs simultaneously with the we low transition or after the we transition, output remains a high impedance state. 3. we and/or cs must be high during address transition time. 4. if cs , oe , lb and ub are low during this period, i/o pins are in the output state. then the data input signals of opposite phase to the outputs must not be applied to them. 5. t as is measured from the latest address transition to the latest of cs , we , lb or ub going low. 6. t wr is measured from the earliest of cs , we , lb or ub going high to the first address transition. 7. a write occurs during the overlap of low cs , low we and low lb or low ub . 8. t cw is measured from the later of cs going low to the end of write. 9. t lbw is measured from the later of lb going low to the end of write. 10. t ubw is measured from the later of ub going low to the end of write.
HM62W16255H series 9 timing waveforms read timing waveform (1) ( we = v ih ) t aa t acs t oe t lb t ub t lblz t ublz t olz t clz t oh t chz t ohz t lbhz t rc valid data address dout (upper byte) valid address high impedance valid data dout (lower byte) cs oe lb ub high impedance * 1 * 1 * 1 t ubhz * 1 * 1 * 1 * 1 * 1 * 4 * 4 * 4 * 4
HM62W16255H series 10 read timing waveform (2) ( we = v ih , lb = v il , ub , = v il ) t aa t acs t rc t oe t clz valid data address cs dout (lower/upper byte) valid address high impedance t ohz oe t oh t chz t olz * 1 * 1 * 1 * 1 * 4 * 4
HM62W16255H series 11 write timing waveform (1) ( lb , ub controlled) address we * 3 t wc t aw t as t wr t wp t whz t olz t ow t ohz t cw t lbw t ubw t dh t dw t dh t dw valid address valid data valid data cs * 3 oe lb ub dout (lower byte) dout (upper byte) din (lower byte) din (upper byte) high impedance high impedance
HM62W16255H series 12 write timing waveform (2) ( we controlled) address we * 3 t wc t aw t as t wr t wp t whz t olz t ow t ohz t cw t lbw t ubw t dh t dw valid address valid data cs * 3 oe lb , ub dout (lower/upper byte) din (lower/upper byte) high impedance * 2
HM62W16255H series 13 write timing waveform (3) ( cs controlled) address cs * 3 t wc t aw t as t wr t wp t whz t olz t ow t ohz t cw t lbw t ubw t dh t dw valid address valid data we * 3 oe lb , ub dout (lower/upper byte) din (lower/upper byte) high impedance * 2 * 4
HM62W16255H series 14 low v cc data retention characteristics (ta = 0 to +70 c) this characteristics is guaranteed only for l-version. parameter symbol min typ* 1 max unit test conditions v cc for data retention v dr 2.0 v v cc 3 cs 3 v cc C 0.2 v, (1) 0 v vin 0.2 v or (2) v cc 3 vin 3 v cc C 0.2 v data retention current i ccdr 40 600 m av cc = 3 v v cc 3 cs 3 v cc C 0.2 v, (1) 0 v vin 0.2 v or (2) v cc 3 vin 3 v cc C 0.2 v chip deselect to data retention time t cdr 0 ns see retention waveform operation recovery time t r 5 ms note: 1. typical values are at v cc = 3.0 v, ta = +25 c, and not guaranteed. low v cc data retention timing waveform v cc 3.0 v 2.2 v 0 v cs t cdr t r v cc 3 cs 3 v cc ?0.2 v v dr data retention mode
HM62W16255H series 15 package dimensions HM62W16255Hjp/hljp series (cp-44d) 28.33 28.90 max 44 23 122 10.16 0.13 11.18 0.13 3.50 0.26 0.10 0.43 0.10 9.40 0.25 2.65 0.12 0.74 1.30 max 1.27 0.80 +0.25 ?.17 hitachi code jedec eiaj weight (reference value) cp-44d conforms 1.8 g 0.41 0.08 unit: mm dimension including the plating thickness base material dimension
HM62W16255H series 16 HM62W16255Htt/hltt series (ttp-44de) 0.13 m 0.10 0.80 44 23 122 18.41 18.81 max 0.27 0.07 1.20 max 10.16 0.13 0.05 11.76 0.20 0 ?5 0.145 0.05 1.005 max 0.50 0.10 0.68 0.80 hitachi code jedec eiaj weight (reference value) ttp-44de ? ? 0.43 g 0.25 0.05 0.125 0.04 unit: mm dimension including the plating thickness base material dimension
HM62W16255H series 17 cautions 1. hitachi neither warrants nor grants licenses of any rights of hitachis or any third partys patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third partys rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachis sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachis sales office for any questions regarding this document or hitachi semiconductor products. hitachi, ltd. semiconductor & ic div. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ?hitachi, ltd., 1998. all rights reserved. printed in japan. hitachi asia pte. ltd. 16 collyer quay #20-00 hitachi tower singapore 049318 tel: 535-2100 fax: 535-1533 url northamerica : http:semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia (singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm asia (taiwan) : http://www.hitachi.com.tw/e/product/sicd_frame.htm asia (hongkong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. taipei branch office 3f, hung kuo building. no.167, tun-hwa north road, taipei (105) tel: <886> (2) 2718-3666 fax: <886> (2) 2718-8180 hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road, tsim sha tsui, kowloon, hong kong tel: <852> (2) 735 9218 fax: <852> (2) 730 0281 telex: 40815 hitec hx hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 778322 hitachi europe gmbh electronic components group dornacher stra? 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi semiconductor (america) inc. 2000 sierra point parkway brisbane, ca 94005-1897 tel: <1> (800) 285-1601 fax: <1> (303) 297-0447 for further information write to:
HM62W16255H series 18 revision record rev. date contents of modification drawn by approved by 0.0 feb. 28, 1997 initial issue y. saitoh a. ide 0.1 nov. 20, 1997 change of subtitle k. makuta k. makuta 0.2 dec. 5, 1997 features addition of operating current addition of ttl standby current addition of cmos standby current addition of data retention current addition of data retention voltage change of block diagram absolute maximum ratings p t : 1.0/1.5 w to 1.0 w change of notes recommended dc operating conditions v ih (max): v cc + 0.3 v to v cc + 0.5 v v il (min): C0.3 v to C0.5 v change of notes dc characteristics i cc (max): 300/270/250 ma to 210/180/150 ma i sb (max): 100/100/100 ma to 60/50/40 ma i sb1 (max): 10/0.5 ma to 5/1 ma test conditions i cc and i sb : addition of min cycle test conditions i sb1 : addition of f = 0 mhz ac characteristics change of output load (a) t oe , t lb , t ub , t chz , t ohz , t lbhz and t ubhz (max): 5/6/8 ns to 5/6/7 ns t aw , t cw , t wp , t lbw and t ubw (min): 6/8/10 ns to 7/8/10 ns t dw (min): 5/6/8 ns to 5/6/7 ns t ohz and t whz (max): 5/6/8 ns to 5/6/7 ns low v cc data retention characteristics i ccdr : /2/300 m a to //300 m a change of low v cc data retention timing waveform t. fukazawa k. makuta 0.3 may. 15, 1998 features change of operating current change of ttl standby current change of block diagram dc characteristics i cc (max): 210/180/150 ns to 200/180/160 ns i sb (max): 60/50/40 ns to 70/60/50 ns addition of package dimensions (ttp-44de) t. fukazawa k. makuta
HM62W16255H series 19 rev. date contents of modification drawn by approved by 1.0 sep. 15, 1998 delete of HM62W16255H-10 series features change of data retention current dc characteristics i sb1 (typ): / ma to 0.05/0.05 ma low v cc data retention characteristics i ccdr : //300 m a to /40/600 m a


▲Up To Search▲   

 
Price & Availability of HM62W16255H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X